Part Number Hot Search : 
561KD10 8201XA ELM304P E4001 9128M00 XXXXXBG UMA70CA YDW20
Product Description
Full Text Search
 

To Download 55454-1570 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a 0.40 to 1.60mm (.016 to .063") pitch pcb and wire connectors mx07 a-45 1.25mm (.049") pitch mini mi ii ? wire-to-board header 55450 smt, single row vertical, with plastic pegs features and benefts sizes 2 to 20 circuits friction lock provides secure mating polarized inner walls provide correct mating orientation optional pcb pegs facilitate board placement and provide polarization reference information product specification: ps-54596-022 packaging: embossed tape on reel mates with: 54596 designed in: millimeters electrical voltage: 100v current: 1.5a contact resistance: 20 milliohms max. dielectric withstanding voltage: 50v ac/1 min. insulation resistance: 1000 megohms min. physical housing: beige pa polyamide (nylon), ul 94v-o contact: brass plating: contact areatin solder tail areatin underplating: nickel operating temperature: -40 to +105?c circuits order no. lead-free with pegs without pegs 2 55450-025 9 55450-026 9 yes 5 55450-055 9 55450-056 9 7 55450-076 9 16 55450-166 9 www.molex.com/product/mini_mi2.htm l 1.25mm (.049") pitch mini mi ii ? system wire-to-board header 55454 single row right angle features and benefts sizes 2 to 20 circuits friction lock provides secure mating kinked outer tails for additional pcb retention polarized inner side-walls ensure correct mating orientaion extended outer side-walls protect solder tails polarizing pegs assist board placement reference information product specification: ps-54596-007 packaging: tray mates with: 54596 designed in: millimeters electrical voltage: 100v current: 1.5a contact resistance: 20 milliohms max. dielectric withstanding voltage: 500v ac/1 min. insulation resistance: 1000 megohms min. physical housing: nylon, ul 94v-0 contact: brass plating: pre-tin operating temperature: -40 to +105?c circuits order no. lead-free 2 55454-027 0 yes 3 55454-037 0 4 55454-047 0 5 55454-057 0 6 55454-067 0 7 55454-077 0 8 55454-087 0 circuits order no. lead-free 9 55454-097 0 yes 10 55454-107 0 11 55454-117 0 12 55454-127 0 13 55454-137 0 14 55454-147 0 15 55454-157 0 circuits order no. lead-free 16 55454-167 0 yes 17 55454-177 0 18 55454-187 0 19 55454-197 0 20 55454-207 0


▲Up To Search▲   

 
Price & Availability of 55454-1570

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X